Part Number Hot Search : 
4558D 6050G LBT20005 MT8889C MST4111C 1N4745A C5738 TW2815
Product Description
Full Text Search
 

To Download BSP452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini PROFET(R) BSP 452
MiniPROFET
* High-side switch * Short-circuit protection * Input protection * Overtemperature protection with hysteresis * Overload protection * Overvoltage protection * Switching inductive load * Clamp of negative output voltage with inductive loads * Undervoltage shutdown * Maximum current internally limited * Electrostatic discharge (ESD) protection * Reverse battery protection1) Package: SOT 223 Type Ordering code Q67000-S271
4
3 2 1
BSP 452
Application
* C compatible power switch for 12 V DC grounded loads * All types of resistive, inductive and capacitive loads * Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input,monolithically integrated in Smart SIPMOS(R) technology. Fully protected by embedded protection functions.
Blockdiagramm:
+ Vbb
4
Voltage source
ESDDiode
Overvoltage protection
Current limit
Gate protection
V Logic
Voltage sensor Charge pump Level shifter Rectifier Limit for unclamped ind. loads
OUT
Temperature sensor
1
3
R IN
in
Load ESD Logic
GND
MINI-PROFET
Load GND
2
Signal GND
1) With resistor R
GND=150 in GND connection, resistor in series with IN connections reverse load current limited by connected load.
Semiconductor Group
1
08.96
Mini PROFET(R) BSP 452
Pin 1 2 3 4 Symbol OUT GND IN Vbb O I + Function Output to the load Logic ground Input, activates the power switch in case of logical high signal Positive power supply voltage
Maximum Ratings at Tj = 25 C unless otherwise specified Parameter Supply voltage Load current self-limited 2) Maximum input voltage Maximum input current Inductive load switch-off energy dissipation, single pulse IL = 0.5A , TA = 150C (not tested, specified by design) Load dump protection3) VLoadDump=UA+Vs RL= 24 RI=2 , td=400ms, IN= low or high, UA=12V RL= 80 (not tested, specified by design) Electrostatic discharge capability (ESD)5) PIN 3 PIN 1,2,4 Operating temperature range Storage temperature range Max. power dissipation (DC)6) Thermal resistance Symbol Vbb IL VIN IIN EAS Values 40 Unit V A V mA J
IL(SC) -5.0...Vbb 5 0.5
VLoad dump4)
47 67 1 2 -40 ...+150 -55 ...+150 1.8 7 70
V
VESD Tj Tstg Ptot RthJS RthJA
kV C W K/W
TA = 25 C
chip - soldering point: chip - ambient:6)
2) At V > V , the input current is not allowed to exceed 5 mA. IN bb 3) Supply voltages higher than V bb(AZ) require an external current limit for the GND pin, e.g. with a 150 resistor in the GND connection A resistor for the protection of the input is integrated. 4) V Load dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839 5) HBM according to MIL-STD 883D, Methode 3015.7 6) BSP 452 on epoxy pcb 40 mm x 40 mm x 1.5 mm with 6 cm2 copper area for V connection bb
Semiconductor Group
2
Mini PROFET(R) BSP 452 Electrical Characteristics
Parameter and Conditions
at Tj = 25 C, Vbb = 13.5V unless otherwise specified
Symbol
Values min typ
Unit max
Load Switching Capabilities and Characteristics On-state resistance (pin 4 to 1) IL = 0.5 A, Vin = high Tj = 25C Tj = 150C Nominal load current (pin 4 to 1)7) ISO Standard: VON = Vbb - VOUT = 0.5 V TS = 85 C Turn-on time to 90% VOUT Turn-off time to 10% VOUT RL = 24 Slew rate on 10 to 30% VOUT, RL = 24 Slew rate off 70 to 40% VOUT, RL = 24
RON IL(ISO)
--1.7
0.16 ---
0.2 0.4 --
A
ton toff
dV /dton -dV/dtoff
-----
60 60 2 2
100 150 4 4
s
V/s V/s
Input Allowable input voltage range, (pin 3 to 2) Input turn-on threshold voltage Tj = -40...+150C Input turn-off threshold voltage Tj = -40...+150C Input threshold hysteresis Off state input current (pin 3) VIN(off) = 1.2 V Tj = -40...+150C On state input current (pin 3) VIN(on) = 3.0 V to Vbb Tj = -40...+150C Input resistance
VIN VIN(T+) VIN(T-) VIN(T) IIN(off) IIN(on) RIN
-3.0 -1.5 -10 10 1.5
---0.5 --2.8
Vbb 3.5
--60 100 3.5
V V V V A A k
7) I L(ISO) characterizes the MOSFET part of the device and may be higher than the shortcircuit current IL(SC) of the whole device
Semiconductor Group
3
Mini PROFET(R) BSP 452
Parameter and Conditions
at Tj = 25 C, Vbb = 13.5V unless otherwise specified
Symbol
Values min typ
Unit max
Operating Parameters Operating voltage8) Undervoltage shutdown Undervoltage restart
Tj =-40...+150C Tj =-40...+150C Tj =-40...+25C Tj =+150C Undervoltage restart of charge pumpe see diagram page 7 Undervoltage hysteresis Vbb(under) = Vbb(u rst) - Vbb(under) Tj =-40...+150C Overvoltage shutdown Tj =-40...+150C Overvoltage restart Tj =-40...+150C Overvoltage hysteresis Standby current (pin 4), Vin = low Tj =-40...+150C Operating current (pin 2), Vin = 5 V Tj =-40...+25C leakage current (pin 1) Vin = low Tj =150C
Vbb(on) Vbb(under) Vbb(u rst) Vbb(ucp)
Vbb(under)
5.0 3.5 ---34 33 -----
---5.6 0.3 --0.7 10 1 2
34 5 6.5 7.0 7 -42 --25 1.6 5 7
V V V V V V V V A mA A
Vbb(over) Vbb(o rst) Vbb(over) Ibb(off) IGND IL(off)
Protection Functions Tj = 25C Current limit (pin 4 to 1) Vbb = 20V Tj = -40...+150C Overvoltage protection Ibb=4mA Tj =-40...+150C Output clamp (ind. load switch off) at VOUT=Vbb-VON(CL), Ibb = 4mA Thermal overload trip temperature Thermal hysteresis Inductive load switch-off energy dissipation9) Tj Start = 150 C, single pulse, IL = 0.5 A, Vbb = 12 V (not tested, specified by design) Reverse battery (pin 4 to 2) 10) (not tested, specified by design)
IL(SC) Vbb(AZ) VON(CL) Tjt Tjt EAS
0.7 0.7 41 41 150 ---
1.5 --47 -10 --
2 2.4 ----0.5
A V V C K J
-Vbb
--
--
30
V
8) At supply voltage increase up to V = 5.6 V typ without charge pump, V bb OUT Vbb - 2 V 9) While demagnetizing load inductance, dissipated energy in PROFET is E = V AS ON(CL) * iL(t) dt, approx. 1/ * L * I2 * ( VON(CL) EAS= 2 ) L VON(CL) - Vbb 10) Requires 150 resistor in GND connection. Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load.
Semiconductor Group
4
Mini PROFET(R) BSP 452
Max. allowable power dissipation Ptot = f (TA,TSP) Ptot [W]
18 16 14 12 TSP 10
1
Current limit characteristic IL(SC) = f (Von); (Von see testcircuit) IL(SC) [A]
2 1.8 1.6 1.4 1.2 150C 25C -40C
8
0.8
6
0.6
4 TA 2 0 0 25 50 75 100 125 150
0.4 0.2 0 0 2 4 6 8 10 12 14
TA, TSP[C]
Von [V]
On state resistance (Vbb-pin to OUT-pin) RON = f (Tj); Vbb = 13.5 V; IL = 0.5 A RON []
0.4 0.35 0.3
Typ. input current IIN = f (VIN); Vbb = 13,5 V IIN [A]
50 -40C 45 40 35 + 25C
0.25 0.2 0.15 0.1
98%
30 25 20 15 10 + 150C
0.05 0 -50 -25 0 25 50 75 100 125 150
5 0 0 2 4 6 8 10 12 14
Tj [C]
VIN [V]
Semiconductor Group
5
Mini PROFET(R) BSP 452
Typ. operating current IGND = f (Tj); Vbb = 13,5 V; VIN = high IGND [mA]
0.8 0.7 0.6
1
Typ. overload current IL(lim) = f (t); Vbb = 13,5 V, no heatsink, Param.: Tjstart IL(lim) [A]
1.4
1.2
0.5
0.8
0.4
0.6
+150C
+25C
-40C
0.3 0.2 0.1 0 -50
0.4
0.2
0
-25
0
25
50
75
100
125
150
-50
0
50
100 150 200 250 300 350 400
Tj [C]
t [ms]
Typ. standby current Ibb(off) = f (Tj); Vbb = 13,5 V; VIN = low Ibb(off) [A]
8 7 6 5
Short circuit current IL(SC) = f (Tj); Vbb = 13,5 V IL(SC) [A]
1.4
1.2
1
0.8
4
0.6
3
0.4
2 1 0 -50 -25 0 25 50 75 100 125 150
0.2
0 -50
-25
0
25
50
75
100
125
150
Tj [C]
Tj [C]
Semiconductor Group
6
Mini PROFET(R) BSP 452
Typ. input turn on voltage threshold VIN(T+) = f (Tj); VIN(T+) [V]
3 13V 2.5
Figure 6: Undervoltage restart of charge pumpe
VON [V]
2
1.5
V bb(over) V bb(o rs t) V
bb(u rs t)
1
0.5 V 0 -50 -25 0 25 50 75 100 125 150
bb(under)
V
bb(u c p)
Tj [C]
Vbb [V]
charge pump starts at Vbb(ucp) about 7 V typ.
Typ. on-state resistance (Vbb-Pin to Out-Pin) RON = f (Vbb,IL); IL=0.5A, Tj = 25C RON [m]
300
Test circuit
250
200
150
100
50
0 0 5 10 15 20 25
Vbb [V]
Semiconductor Group
7
Mini PROFET(R) BSP 452
Package:
all dimensions in mm. SOT 223/4:
Semiconductor Group
8


▲Up To Search▲   

 
Price & Availability of BSP452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X